Part Number Hot Search : 
130A0 RD43FF06 DTB113 V175ME10 SUM110 UM66T05S ATS040 12102
Product Description
Full Text Search
 

To Download KBPC1005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E-MAIL: info@angliac.com
WEB: www.angliac.com
KBPC100 SERIES
3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
3 Amperes
FEATURES
Plastic material has Underwriters Laboratory flammability classification 94V-0. Low leakage. Surge overload rating - 50 amperes peak. Ideal for printed circuit boards. Exceeds environmental standards of MIL - STD - 19500.
O 3.8
+
11.3 10.3
~
15.8 14.7
2.7 1.7
~
O 0.8
19.0 min 6.9 5.8
MECHANICAL DATA
Case : : : Terminals : : Polarity : Weight : Reliable low cost construction utilizing moulded plastic technique results in inexpensive product. Leads, solderable per MIL - STD - 202, Method 208. Polarity symbols printed on body. 0.13 ounce, 3.8 grams.
Dimensions in millimetres
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
KBPC1005 KBPC101 KBPC102 KBPC103 KBPC104 KBPC106 KBPC108 KBPC110 Maximum Recurrent Peak Reverse Voltage Maximum Bridge Input Voltage RMS Maximum DC Blocking Voltage Maximum Average Forward Current at (see Fig 2) VRRM VRMS VDC TC = 50C* IF(AV) TA = 50C** 50 35 50 100 70 100 200 140 200 300 210 300 3.0 2.0 50 1.2 10.0 1.0 - 55 to + 125 - 55 to + 150 400 280 400 600 420 600 800 560 800 1000 700 1000 V V V A A V A mA C C
Peak Forward Surge Current, 8.3 ms single IFSM half sine - wave super-imposed on rated load (see Fig 1) Maximum Forward Voltage Drop (see Fig 3) VF per Element at 1.5A DC TA = 25C Maximum Reverse Current at Rated DC Blocking Voltage per Element (see Fig 4) TA = 100C IR Operating Temperature Range Storage Temperature Range Notes * Unit mounted on metal heatsink. ** Unit mounted on P.C board. TJ TSTG
Reformatted by Anglia 9907
E-MAIL: info@angliac.com
WEB: www.angliac.com
RATING AND CHARACTERISTIC CURVES KBPC100 SERIES
FIG 1 : MAXIMUM NON-REPETITIVE SURGE CURRENT PER ELEMENT
50 5 PEAK FORWARD SURGE CURRENT, AMPERES 40 8.3ms Single Half Sine Wave TJ = 125C 30 20 10 AVERAGE FORWARD OUTPUT CURRENT, AMPERES 4 3 2 1 0
FIG 2 : DERATING CURVE FOR RECTIFIED OUTPUT CURRENT
CA SE
AM BIE NT
0
1
10 NUMBER OF CYCLES AT 60Hz
100
0
50
100
150
TEMPERATURE C
FIG 3 : TYPICAL FORWARD CHARACTERISTICS PER ELEMENT
10 TJ = 25C Pulse Width = 300s 10 INSTANTANEOUS FORWARD CURRENT, AMPERES 1.0 INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 50
FIG 4 : TYPICAL REVERSE CHARACTERISTICS PER ELEMENT
TA = 125C
1.0
0.1
0.1
TA = 25C .01 0.6 0.8 1.0 1.2 1.4 1.6 .01
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
Reformatted by Anglia 9907


▲Up To Search▲   

 
Price & Availability of KBPC1005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X